Part Number Hot Search : 
2GBJ02 FRF254D 01M50 01M10 CREHNA EPF8026G SMB3EZ30 2838A
Product Description
Full Text Search
 

To Download 1050291001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
1050291001 Active
battery_connectors 2.00mm (.079") Pitch Battery Connector, Right Angle, 4 Circuits, SMT, Contact Width 0.65mm (.026"), Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-105029-101 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 105029 Board-to-Board Recommended Nominal Horizontal Deflection 1.05mm (.041") battery_connectors Battery Connector EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Robotic Placement Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 4 4 Black 10,000 No No No None None Beryllium Copper Gold Tin High Temperature Thermoplastic 1 Right Angle No None Embossed Tape on Reel 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.75 145 3.75 No No Vacuum Pick-Up Tape No No -40C to +85C Surface Mount
Search Parts in this Series 105029Series
Electrical
Current - Maximum per Contact Voltage - Maximum
1A 200V (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 30 Reflow Capable (SMT only) 2 250
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-47506-001 PS-105029-101 SD-105029-101
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 1050291001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X